Part Number Hot Search : 
0LFFH 15009 DP030U HIP8112A HAM10S 2SB11 PEOSSO3B APM4546K
Product Description
Full Text Search
 

To Download MBR0540D4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbr0540 vishay semiconductors formerly general semiconductor document number 88664 www.vishay.com 07-feb-02 1 new product small surface mount schottky rectifier reverse voltage 40v forward current 0.5a sod-123 maximum ratings and thermal characteristics (t a = 25? unless otherwise noted) parameter symbol value unit maximum repetitive peak reverse voltage v rrm 40 v working peak reverse voltage v rwm 40 v maximum dc blocking voltage v r 40 v max. average forward rectified current at rated v r, t c = 115 c i f(av) 0.5 a peak repetitive forward current i frm 1.0 a at rated v r , 20kh z square wave, t c = 115 c peak forward surge current 8.3ms single half sine-wave t l = 25 ci fsm 5.5 a voltage rate of change at rated v r , t j = 25 c dv/dt 1,000 v/ s typical thermal resistance junction to lead r jl 118 junction to ambient r ja 206 c/w operating junction and storage temperature t j, t stg 55 to +150 c electrical characteristics (t a = 25 c unless otherwise noted) maximum instantaneous at i f = 0.5a, t j = 25 c 0.51 forward voltage at i f = 0.5a, t j = 100 c v f 0.46 v at i f = 1.0a, t j = 25 c 0.62 at i f = 1.0a, t j = 100 c 0.61 maximum dc reverse current at v r = 40v, t j = 25 c20 a at v r = 40v, t j = 100 ci r 5.0 ma at v r = 20v, t j = 25 c10 a note: (1) pulse test: 300ms pulse width, 1% duty cycle. features for surface mounted applications low profile package ideal for automated placement low power loss, high efficiency high temperature soldering: 250 c/10 seconds at terminals mounting pad layout .022 (0.55) .112 (2.85) .152 (3.85) .067 (1.70) .053 (1.35) max. .010 (0.25) min. cathode band .006 (0.15) max. to p v i ew .140 (3.55) .100 (2.55) .055 (1.40) .004 (0.1) max. dimensions in inches and (millimeters) 0.094 (2.40) 0.055 (1.40) 0.055 (1.40) mechanical data case: sod-123 plastic case polarity: band denotes cathode end weight: 0.01g marking code: b4 packaging codes/options: d3/10k per 13 reel (8mm tape), 30k/box d4/3k per 7 reel (8mm tape), 30k/box
mbr0540 vishay semiconductors formerly general semiconductor www.vishay.com document number 88664 2 07-feb-02 0 1 2 3 4 5 6 1 100 10 fig. 2 ?maximum non-repetitive peak forward surge current peak forward surge current (a) number of cycles at 60h z 0 0.6 0.8 50 60 70 80 90 100 110 120 130 140 150 fig. 1 ?derating curve output rectified current average forward current (a) lead temperature ( c) 0 0.2 0.3 0.4 0.1 0.6 0.7 0.8 0.5 instantaneous forward voltage (v) fig. 3 ?typical instantaneous forward characteristics 020 60 40 100 80 fig. 4 ?typical reverse characteristics i r -- instantaneous reverse current ( a) percent of rated peak reverse voltage, % 0.4 0.2 resistive or inductive load 0.01 0.1 1 instantaneous forward current (a) 0.01 0.001 0.1 1 8.3 single half sine-wave (jedec method) at rated t l 05 15 10 25 30 35 40 20 fig. 5 ?typical junction capacitance c j -- junction capacitance (pf) v r - reverse voltage (v) 10 1 100 1000 ratings and characteristic curves (t a = 25 c unless otherwise noted)


▲Up To Search▲   

 
Price & Availability of MBR0540D4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X